Part Number Hot Search : 
BGA063 APED3528 KM4101 STK40 TL082AI 2SA1685 CDLL4618 S6B33B0A
Product Description
Full Text Search
 

To Download 2SK2188 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
VX-2 Series Power MOSFET
N-Channel Enhancement type
2SK2188
(F10F50VX2)
500V 10A
FEATURES *oe Input capacitance (Ciss) is small. Especially, input capacitance at 0 biass is small. *oe static Rds(on) is small. The *oe switching time is fast. The APPLICATION
*oe Switching power supply of AC 100V input
OUTLINE DIMENSIONS
Case : E-pack
Case : FTO-220
(Unit : mm)
*oe High voltage power supply *oe Inverter
RATINGS
*oeAbsolute Maximum Ratings * = 25*Z*j Tc i Item Symbol Conditions Storage Temperature Tstg Channel Temperature Tch Drain-Source Voltage VDSS Gate-Source Voltage VGSS Continuous Drain Current* DC*j i ID Continuous Drain Current* Peak) i IDP Continuous Source Current* DC*j i IS PT Total Power Dissipation Single Pulse Avalanche Current IAS Tch= 25*Z Dielectric Strength Vdis Terminals to case, AC 1 minute Mounting Torque TOR * i Recommended torque : 0.3Nm *j Ratings -55*150 150 500 *}30 10 30 10 40 10 2 0.5 Unit *Z V
A W A kV N* E m
Copyright & Copy;2000 Shindengen Electr
VX-2 Series Power MOSFET
Electrical Characteristics Tc = 25 Item Symbol Drain-Source Breakdown Voltage V(BR)DSS Zero Gate Voltage Drain Current IDSS Gate-Source Leakage Current IGSS Forward Tranconductance gfs Static Drain-Source On-tate Resistance RDS(ON) Gate Threshold Voltage VTH Source-Drain Diode Forwade Voltage VSD Themal Resistance jc Total Gate Charge Qg Input Capacitance Ciss Reverse Transfer Capacitance Crss Output Capacitance Coss Turn-On Time ton Turn-Off Time toff Conditions
2SK2188 ( F10F50VX2 )
Min. 500 2.4 2.5 Typ. Max. 250 0.1 6.3 0.8 3.0 30 890 70 200 70 140 Unit V A
ID = 1mA, VGS = 0V VDS = 500V, VGS = 0V VGS = 30V, VDS = 0V ID = 5A, VDS = 10V ID = 5A, VGS = 10V ID = 1mA, VDS = 10V IS = 5A, VGS = 0V junction to case VDD = 400V, VGS = 10V, ID = 10A VDS = 10V, VGS = 0V, f = 1MHZ ID = 5A, VGS = 10V, RL = 30 VGS = 0V
S 1.0 3.5 V 1.5 3.12 / nC pF 110 220 ns
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK2188
20 Tc = -55C
Transfer Characteristics
25C
15
Drain Current ID [A]
100C 150C 10
5 VDS = 25V pulse test TYP 0 5 10 15 20
0
Gate-Source Voltage VGS [V]
2SK2188
10
Static Drain-Source On-state Resistance
Static Drain-Source On-state Resistance RDS(ON) []
ID = 5A 1
0.1
VGS = 10V pulse test TYP -50 0 50 100 150
Case Temperature Tc [C]
2SK2188
6
Gate Threshold Voltage
5
Gate Threshold Voltage VTH [V]
4
3
2
1 VDS = 10V ID = 1mA TYP -50 0 50 100 150
0
Case Temperature Tc [C]
2SK2188
100
Safe Operating Area
10 100s
Drain Current ID [A]
200s
1
R DS(ON) limit
1ms
10ms
0.1
DC
Tc = 25C Single Pulse 0.01 1 10 100 1000
Drain-Source Voltage VDS [V]
2SK2188
Transient Thermal Impedance
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-4 10-2
10-3
10-1
100
101
102
Time t [s]
2SK2188
10000
Capacitance
Capacitance Ciss Coss Crss [pF]
1000
Ciss
Coss 100
Crss
f=1MHz Tc=25C TYP 10 0 20 40 60 80 100
Drain-Source Voltage VDS [V]
2SK2188
100
Power Derating
80
Power Derating [%]
60
40
20
0
0
50
100
150
Case Temperature Tc [C]
2SK2188
500
Gate Charge Characteristics
20
Drain-Source Voltage VDS [V]
15 VDD = 400V 300 200V 100V 10 200 VGS
5 100 ID = 10A TYP 0 0 10 20 30 40 0 50
Gate Charge Qg [nC]
Gate-Source Voltage VGS [V]
400
VDS


▲Up To Search▲   

 
Price & Availability of 2SK2188

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X